Part Number Hot Search : 
C3030 T89C5115 A2040 EH8010ZI 02N60Z AD9154 128160 BAT1000
Product Description
Full Text Search
 

To Download LMBT3904DW1T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 2 3 4 5 6 sot-363 LMBT3904DW1T1 devic e packag e shipping orderin g inform a tion l mbt3904dw1t 1 sot36 3 3000 units/reel th e l mbt3904dw1t 1 devic e i s a spino ff o f ou r popular sot23/sot32 3 threeleaded device. it is designed for general purpos e amplifier applications and is housed in the sot363 sixleade d surface mount package. by putting two discrete devices in one package, this device is ideal for lowpower surface mount application s where board space is at a premium. ? h fe , 100300 ? low v ce(sat ) , 0.4 v ? simplifies circuit design ? reduces board space ? reduces component count ? a vailable in 8 mm, 7inch/3,000 unit t ape and reel ? device marking : l m bt3904dw1t1 = ma symbol v alue unit collecto r emitte r v oltage v ceo 40 vdc collecto r base v oltage v cbo 60 vdc emitte r base v oltage v ebo 6.0 vdc collector current continuous i c 200 madc electrostatic discharge esd hbm>16000, mm>2000 v therma l characteristics characteristic symbol max unit t ota l package dissipatio n (1) t a = 2 5 c p d 150 mw thermal resistance junction to ambient r  ja 833 c/w junction and storage t emperature range t j , t stg 55 to +150 c 1. device mounted on fr4 glass epoxy printed circuit board using the minimum 1. recommended footprint. rating maximum ratings q 1 q 2 (1) (2) (3) (4) (5) (6) product specification 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min max unit off characteristics collectoremitter breakdown voltage (2) (i c = 1.0 madc, i b = 0) v (br)ceo 40 vdc collectorbase breakdown voltage (i c = 10  adc, i e = 0) v (br)cbo 60 vdc emitterbase breakdown voltage (i e = 10  adc, i c = 0) v (br)ebo 6.0 vdc base cutoff current (v ce = 30 vdc, v eb = 3.0 vdc) i bl 50 nadc collector cutoff current (v ce = 30 vdc, v eb = 3.0 vdc) i cex 50 nadc on characteristics (2) dc current gain (i c = 0.1 madc, v ce = 1.0 vdc) (i c = 1.0 madc, v ce = 1.0 vdc) (i c = 10 madc, v ce = 1.0 vdc) (i c = 50 madc, v ce = 1.0 vdc) (i c = 100 madc, v ce = 1.0 vdc) h fe 40 70 100 60 30 300 collectoremitter saturation voltage (i c = 10 madc, i b = 1.0 madc) (i c = 50 madc, i b = 5.0 madc) v ce(sat) 0.2 0.3 vdc baseemitter saturation voltage (i c = 10 madc, i b = 1.0 madc) (i c = 50 madc, i b = 5.0 madc) v be(sat) 0.65 0.85 0.95 vdc smallsignal characteristics currentgain bandwidth product (i c = 10 madc, v ce = 20 vdc, f = 100 mhz) f t 300 mhz output capacitance (v cb = 5.0 vdc, i e = 0, f = 1.0 mhz) c obo 4.0 pf input capacitance (v eb = 0.5 vdc, i c = 0, f = 1.0 mhz) c ibo 8.0 pf 2. pulse test: pulse width 300 m s; duty cycle 2.0%. LMBT3904DW1T1 product specification 2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
electrical characteristics (t a = 25 5 c unless otherwise noted) (continued) characteristic symbol min max unit input impedance (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) h ie 1.0 2.0 10 12 k w voltage feedback ratio (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) h re 0.5 0.1 8.0 10 x 10 4 smallsignal current gain (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) h fe 100 100 400 400 output admittance (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) h oe 1.0 3.0 40 60  mhos noise figure (v ce = 5.0 vdc, i c = 100  adc, r s = 1.0 k w , f = 1.0 khz) nf 5.0 4.0 db switching characteristics delay time (v cc = 3.0 vdc, v be = 0.5 vdc) t d 35 ns rise time (i c = 10 madc, i b1 = 1.0 madc) t r 35 ns storage time (v cc = 3.0 vdc, i c = 10 madc) t s 200 ns fall time (i b1 = i b2 = 1.0 madc) t f 50 ns figure 1. delay and rise time equivalent test circuit figure 2. storage and fall time equivalent test circuit +3 v 275 10 k 1n916 c s < 4 pf* +3 v 275 10 k c s < 4 pf* < 1 ns -0.5 v +10.9 v 300 ns duty cycle = 2% < 1 ns -9.1 v 4 +10.9 v duty cycle = 2% t 1 0 10 < t 1 < 500  s * total shunt capacitance of test jig and connectors LMBT3904DW1T1 product specification 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of LMBT3904DW1T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X